Part Number Hot Search : 
LB1263AR N7002 16008 4ADR2 27C64 ADF7242 C8248 150ML
Product Description
Full Text Search
 

To Download AP3P010YT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap3p010y t advanced power p-channel enhancement mode electronics corp. power mosfet low gate charge bv dss -30v fast switching characteristic r ds(on) 10m simple drive requirement i d -14.6a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 5 /w rthj-a maximum thermal resistance, junction-ambient 3 40 /w thermal data parameter total power dissipation operating junction temperature range -55 to 150 drain current 3 , v gs @ 10v -11.7 pulsed drain current 1 -50 storage temperature range 3.12 -55 to 150 -30 + 20 -14.6 parameter drain-source voltage gate-source voltage drain current 3 , v gs @ 10v rating halogen-free product 201708171 1 a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on- resistance and cost-effectiveness. the pmpak ? 3x3 package is special for dc-dc converters application and lower 1.0mm profile with backside heat sink. d d d d s s s g pmpak ? 3x3 g d s .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-10a - - 10 m v gs =-4.5v, i d =-6a - - 14.5 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-5v, i d =-10a - 33 - s i dss drain-source leakage current v ds =-24v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =-6a - 34 54.4 nc q gs gate-source charge v ds =-15v - 9 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 12 - nc t d(on) turn-on delay time v ds =-15v - 11 - ns t r rise time i d =-1a - 9 - ns t d(off) turn-off delay time r g =3.3 - 150 - ns t f fall time v gs =-10v - 70 - ns c iss input capacitance v gs =0v - 3800 6080 pf c oss output capacitance v ds =-15v - 500 - pf c rss reverse transfer capacitance f=1.0mhz - 345 - pf r g gate resistance f=1.0mhz - 9 18 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2.6a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-10a, v gs =0 v , - 27 - ns q rr reverse recovery charge di/dt=100a/s - 16 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. AP3P010YT 3.surface mounted on 1 in 2 2oz copper pad of fr4 board, t < 10sec ; 135 o c/w when mounted on min. copper pad. 2 .
ap3p010y t fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 001122 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -7.0v -6.0v -5.0v v g = -4.0v t a =25 o c 0 10 20 30 40 50 001122 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 6 7 8 9 10 11 12 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d =-6a t a =25 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -10a v g = -10v 0.0 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) 0 4 8 12 16 20 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c i d = -250ua .
ap3p010y t fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. drain current v.s. ambient temperature 4 0 2 4 6 8 10 0 20406080 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -6a v ds = -15 v 0 1000 2000 3000 4000 5000 6000 1 5 9 13 17 21 25 29 33 37 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thia =135 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc operation in this area limited by r ds(on) 0 10 20 30 40 50 012345 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds = -5v 0 4 8 12 16 25 50 75 100 125 150 t a , ambient temperature ( o c ) -i d , drain current (a) t j = -55 o c .
AP3P010YT marking information 5 part numbe r date code (ywwsss) y last digit of the year ww week sss sequence 3p010 ywwsss .


▲Up To Search▲   

 
Price & Availability of AP3P010YT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X